PART |
Description |
Maker |
HDSP HDSP-N40X HDSP-335X HDSP-555X HDSP-751X HDSP- |
HDSP-5557 · Low Current Seven Segment Displays HDSP-5551 · Low Current Seven Segment Displays HDSP-K121 · Low Current Seven Segment Displays HDSP-K123 · Low Current Seven Segment Displays HDSP-7513 · Low Current seven Segment Displays HDSP-5558 · Low Current Seven Segment Displays HDSP-3353 · Low Current Seven Segment Displays HDSP-3351 · Low Current Seven Segment Displays HDSP-N106 · 20 mm (0.8 inch) Overflow Character Displays HDSP-N105 · 20 mm (0.8 inch) Seven Segment Displays HDSP-H108 · Low Current Seven Segment Displays HDSP-H107 · Low Current Seven Segment Displays HDSP-H103 · Low Current Seven Segment Displays HDSP-H101 · Low Current Seven Segment Displays HDSP-F103 · Low Current Seven Segment displays HDSP-F101 · Low Current Seven Segment displays HDSP-E103 · Low Current Seven Segment Displays HDSP-E101 · Low Current Seven Segment Displays HDSP-E100 · Low Current Seven Segment Displays HDSP-G103 · Low Current Seven Segment displays HDSP-G101 · Low Current Seven Segment displays HDSP-A803 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-A801 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-A103 · Low Current seven Segment Displays HDSP-A101 · Low Current seven Segment Displays HDSP-7513-CD000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-H107-DE000 · Low Current Seven Segment Displays HDSP-A101-FG000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-5553-BC000 · Low Current Seven Segment Displays HDSP-E106 · 10.9 mm (0.43 inch) Overflow Character Displays HDSP-A108 · 7.6 mm(0.3 inch) Micro Bright Overflow Character Segment Displays HDSP-A107-FG000 · 7.6 mm(0.3 inch) Micro Bright Overflow Character Segment Displays HDSP-7517 · 7.6 mm(0.3 inch) Micro Bright Overflow Character Segment Displays HDSP-F108 · Low Current Overflow Character displays HDSP-A808 · 7.6 mm(0.3 inch) Micro Bright Overflow Character Segment Displays HDSP-7518 · 7.6 mm(0.3 inch) Micro Bright Overflow Character Segment Displays HDSP-A807 · 7.6 mm(0.3 inch) Micro Bright Overflow Character Segment Displays HDSP-A107 · 7.6 mm(0.3 inch) Micro Bright Overflow Character Segment Displays HDSP-F107 · Low Current Overflow Character displays HDSP-7517-CD000 · 7.6 mm(0.3 inch) Micro Bright Overflow Character Segment Displays HDSP-7511-CD000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-3356 · 10.9 mm (0.43 inch) Overflow Character Displays HDSP-3351-CD000 · 10.9 mm (0.43 inch) Seven Segment Displays HDSP-H108-DE000 · Low Current Seven Segment Displays HDSP-N106-CD000 · 20 mm (0.8 inch) Overflow Character Displays HDSP-N105-CD000 · 20 mm (0.8 inch) Seven Segment Displays HDSP-F103-EF000 · Low Current Seven Segment displays HDSP-A103-FG000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-H103-DE000 · Low Current Seven Segment Displays HDSP-F101-EF000 · Low Current Seven Segment displays HDSP-H101-CD000 · Low Current Seven Segment Displays HDSP-E101-EF000 · 10.9 mm (0.43 inch) Seven Segment Displays HDSP-H101-DE000 · Low Current Seven Segment Displays HDSP-3350 · 10.9 mm (0.43 inch) Seven Segment Displays HDSP-K701 · Low Current Seven Segment Displays HDSP-N103-CD000 · 20 mm (0.8 inch) Seven Segment Displays HDSP-N103 · 20 mm (0.8 inch) Seven Segment Displays HDSP-N101-CD000 · 20 mm (0.8 inch) Seven Segment Displays HDSP-N101 · 20 mm (0.8 inch) Seven Segment Displays HDSP-N100 · 20 mm (0.8 inch) Seven Segment Displays HDSP-A908 · Low Current Seven Segment Displays HDSP-A907 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-A903 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-A901 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-E100-EF000 · 10.9 mm (0.43 inch) Seven Segment Displays (HDSP-xxxx) Low Current Seven Segment Displays
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
HDSP-F201-00000 HDSP-F201-00016 HDSP-F2000016 HDSP |
7 SEG NUMERIC DISPLAY, RED, 10 mm 7 SEG NUMERIC DISPLAY, YELLOW, 10 mm 7 SEG NUMERIC DISPLAY, ORANGE, 10 mm 10 mm (0.40 inch) Seven Segment Displays 10毫米.40英寸),七段显示 10 mm (0.40 inch) Seven Segment Displays 10毫米0.40英寸),七段显示 TERM. F/O CABLE SC-SC/ DPLX/RISER/10M/ORANGE Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs; Package: QSOP; No of Pins: 20; Container: Rail Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs; Package: QSOP; No of Pins: 20; Container: Tape & Reel MTP-LC (12) FANOUT ASSY MM, 3 M MTP-LC (12) FANOUT ASSY MM, 5 M HDSP-G301 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G303 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F151-MN000 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F201-DE000 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F301-DE000 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G201-DE000 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G201-EF000 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F203-DE000 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F303-DE000 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F503-JK000 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G503-JK000 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F157 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F207-DE000 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F401 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F403 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F407 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F408 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F501 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G203 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F201 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F507 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F203 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F207 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F208 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F508 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F301 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F303 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G401 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F307 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F308 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F501-JK000 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F503 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G201 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G403 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G501 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G503 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F158 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F153 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F151 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G153 · 10 mm (0.4 inch) Seven Segment Displays
|
AGILENT TECHNOLOGIES INC Avago Technologies, Ltd. Fujitsu, Ltd. Electronic Theatre Controls, Inc. Toshiba, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
5082-7666 5082-7623 5082-7651 5082-7651-DD000 5082 |
5082-7666 · 10.9 mm (0.43 inch) Overflow Character Displays 5082-7623 · 7.6 mm (0.3 inch) Seven Segment Displays 5082-7651 · 10.9 mm (0.43 inch) Seven Segment Displays 5082-7651-DD000 · 10.9 mm (0.43 inch) Seven Segment Displays 5082-7651-DE000 · 10.9 mm (0.43 inch) Seven Segment Displays 5082-7656-DE000 · 10.9 mm (0.43 inch) Overflow Character Displays 5082-7656 · 10.9 mm (0.43 inch) Overflow Character Displays 5082-7620 · 7.6 mm (0.3 inch) Seven Segment Displays 5082-7610-DD000 · 7.6 mm (0.3 inch) Seven Segment Displays
|
Agilent (Hewlett-Packard)
|
PD-04A200 PD-04A200-2 |
Plasma Panel Displays 4 Character, 16 Segment Alphanumeric Display with 2.00" [50.80mm] High Characters Plasma Panel Displays 4 Character, 16 Segment Alphanumeric Display with 2.00 [50.80mm] High Characters
|
Vishay Siliconix
|
PD-16A040 |
Plasma Panel Displays 16 Character, 16 Segment Alphanumeric Display with .400 [10.16mm] High Characters
|
Vishay Siliconix
|
PD-16A040 |
16 Character, 16 Segment Alphanumeric Display with .400"" [10.16mm] High Characters, 50 Foot Lamberts Brightness, Designed for Multiplexed Operation, Edgeboard Connection, Low Power Consumption
|
Vishay
|
JHB1602B |
The JHB1602B is a 16C x 2L Character LCD module. It has a STN panel composed of 80 segments and 16 commons. The LCM can be easily accessed by micro-controller via parallel interface.
|
Jewel Hill Electronic
|
SPLC063 SPLC780D |
The JHB162I is a 16C x 2L Character LCD module. It has a STN panel composed of 80 segments and 16 commons. The LCM can be easily accessed by micro-controller via parallel interface.
|
Jewel Hill Electronic
|
ML9205-01 |
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
|
OKI electronic components OKI[OKI electronic componets]
|